PART |
Description |
Maker |
M30-1401500 M30-1400600 |
1.25mm Pitch SIL Female Crimp Housing, 15-way 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 1.25mm Pitch SIL Female Crimp Housing, 6-way 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR
|
Harwin PLC
|
M30-1300900 M30-1301100 M30-1300400 M30-1301000 M3 |
1.25mm Pitch SIL Female Crimp Housing, 9-way 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 1.25mm Pitch SIL Female Crimp Housing, 11-way 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 1.25mm Pitch SIL Female Crimp Housing, 4-way 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 1.25mm Pitch SIL Female Crimp Housing, 10-way 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 1.25mm Pitch SIL Female Crimp Housing, 6-way 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 1.25mm Pitch SIL Female Crimp Housing, 5-way 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR
|
Harwin PLC
|
0500588100 50058-8100 |
1.25mm (.049) Pitch PicoBlade Crimp Terminal, Female, 28-32 AWG, Bag 1.25mm (.049) Pitch PicoBlade?/a> Crimp Terminal, Female, 28-32 AWG, Bag MOLEX Connector
|
Molex Electronics Ltd.
|
0501338100 50133-8100 |
1.25mm (.049) Pitch PicoBlade?/a> Wire-to-Wire Crimp Terminal, Male, 28-32 AWGBag 1.25mm (.049) Pitch PicoBlade Wire-to-Wire Crimp Terminal, Male, 28-32 AWGBag 1.25mm (.049") Pitch PicoBlade垄芒 Wire-to-Wire Crimp Terminal, Male, 28-32 AWGBag MOLEX Connector
|
Molex Electronics Ltd.
|
M30-3011146 M30-3010346 |
1.25mm Pitch SIL Vertical SMT Blade Header, hold-down tabs, tin, 11-way 11 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SURFACE MOUNT 1.25mm Pitch SIL Vertical SMT Blade Header, hold-down tabs, tin, 3-way 3 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
26-03-4030 26-03-3031 26-03-4032 26-03-4221 26-03- |
Connector Housing; Gender:Female; No. of Contacts:3; Series:6442; Body Material:PA Polyamide (Nylon); No. of Rows:1; Pitch Spacing:3.96mm RoHS Compliant: Yes 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 03 Ckt 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Ramp 03 Ckt 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR KK 156 Crimp Housing Ramp 22 Ckt 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 20 Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 09 Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 11 Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,16 Contacts,SKT,0.156 Pitch,POLARIZED LCK 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 24 Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; No. of Contacts:24; Series:6442; Body Material:PA Polyamide (Nylon); No. of Rows:1; Pitch Spacing:3.96mm 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 04 Ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,4 Contacts,SKT,0.156 Pitch,POLARIZED LCK 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Ramp 10 Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR KK 156 Crimp Housing Ramp 11 Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Header Connector,Cable Mnt,PLUG,13 Contacts,SKT,0.156 Pitch,POLARIZED LCK 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,18 Contacts,SKT,0.156 Pitch,POLARIZED LCK 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 15 Ckt 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 13 Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 06 Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 07 Ckt 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc. MOLEX INC
|
M80-8972201 M80-8972205 M80-89722T6 M80-8970701 M8 |
DATAMATE 2mm PITCH SIL VERTICAL PC TAIL SOCKET ASSEMBLY Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 5-way 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, 4-way 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin Plc
|
HRP-11-S HRP-05-S HRP-02-S HRP-03-S HRP-07-S HRP-0 |
11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP ROHS COMPLIANT 2.5mm pitch/Disconnectable Crimp style connectors
|
JST Mfg. Co., Ltd. List of Unclassifed Man...
|
0501258100 50125-8100 |
1.25mm (.049) Pitch PicoBlade Crimp Terminal 50125, 26-28 AWG, Bag 1.25mm (.049") Pitch PicoBlade Crimp Terminal 50125, 26-28 AWG, Bag
|
Molex Electronics Ltd.
|
502381-0000 SD-502381-001 5023810000 |
1.25mm (.049) Pitch CLIK-Mate Wire-to-Board Crimp Terminal, Reel
|
Molex Electronics Ltd.
|
0500798000 50079-8000 |
1.25mm (.049) Pitch PicoBlade Crimp Terminal, 26-28 AWG, Reel MOLEX Connector
|
Molex Electronics Ltd.
|
M52-5053845 M52-5053545 M52-5053145 M52-5052745 M5 |
1.27mm Pitch SIL Vertical SMT Socket Assembly, gold, 38-way 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch SIL Vertical SMT Socket Assembly, gold, 35-way 35 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch SIL Vertical SMT Socket Assembly, gold, 31-way 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch SIL Vertical SMT Socket Assembly, gold, 27-way 27 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch SIL Vertical SMT Socket Assembly, gold, 37-way
|
Harwin PLC HARWIN INC
|
|